PART |
Description |
Maker |
74ABT16373B 74ABT16373BDGG 74ABT16373BDL BT16373BD |
16-bit transparent latch 3-State ABT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-bit transparent latch 3-State 16位透明锁存器三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ACTQ841SC 74ACTQ841SPC 74ACTQ841 |
Quiet Seriesa10-Bit Transparent Latch with 3-STATE Outputs Quiet Seriesa 10-Bit Transparent Latch with 3-STATE Outputs Quiet Seriesa⑩ 10-Bit Transparent Latch with 3-STATE Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IN74HC75A IN74HC75AD IN74HC75AN |
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
74ABT16373 74ABT16373CMTD 74ABT16373CSSC 74ABT1637 |
8-Bit D-Type Latch 16-Bit Transparent D-Type Latch with 3-STATE Outputs From old datasheet system 16-Bit Transparent Latch with 3-STATE Outputs
|
锁存 Fairchild Semiconductor
|
74LVC16373 74LVC16373A 74LVC16373ADGG 74LVC16373AD |
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74F373 MSA20 74F373MSA 74F373PC 74F373SC 74F373SJ |
74F373 Octal Transparent Latch with 3-STATE Outputs Octal Transparent Latch with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel F/FAST SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
SCAN182373A SCAN182373ASSCX SCAN182373ASSC |
Transparent Latch with 25ohm Series Resistor Outputs SCAN/JTAG/3J SERIES, 9-BIT BOUNDARY SCAN MEMORY DRIVER, TRUE OUTPUT, PDSO56 Transparent Latch with 25???? Series Resistor Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
74VCX162373 74VCX162373MTD |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74F841SPC 74F841 74F841SC |
10-Bit Transparent Latch
|
FAIRCHILD[Fairchild Semiconductor]
|